PART |
Description |
Maker |
STP14NF10 STP14NF10FP STB14NF10 |
N-CHANNEL 100V - 0.115 ohm - 15A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFET??II POWER MOSFET N-CHANNEL 100V 0.115 OHM 15A D2PAK/TO-220/TO-220FP LOW GATE CHARGE STRIPFET II POWER MOSFET N-CHANNEL 100V - 0.115 ohm - 15A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFET⑩ II POWER MOSFET N-CHANNEL 100V - 0.115 ohm - 15A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFET II POWER MOSFET N-CHANNEL 100V - 0.115 ohm - 15A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFET?/a> II POWER MOSFET N-CHANNEL Power MOSFET N-CHANNEL 100V - 0.115 ohm - 15A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFETII POWER MOSFET N沟道100V 0.115欧姆-5A TO-220/TO-220FP/D2PAK低栅极电荷STripFET⑩二功率MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
JANSR2N7294 FN4292 |
23A/ 200V/ 0.115 Ohm/ Rad Hard/ N-Channel Power MOSFET 23A, 200V, 0.115 Ohm, Rad Hard,N-Channel Power MOSFET From old datasheet system 23A, 200V, 0.115 Ohm, Rad Hard, N-Channel Power MOSFET
|
INTERSIL[Intersil Corporation]
|
HSDL-3201 |
Low Power Compliant 115.2 kb/s Infrared Transceiver(115.2 kb/s红外顺应收发 低功耗符15.2 kb / s的红外收发器15.2 kb / s的红外顺应收发器
|
TE Connectivity, Ltd.
|
PB01Q-701ISSI PB01Q-501ISSI PB01Q-001ISSI PB01Q-90 |
1A, 115/250VAC, MALE, MAINS POWER CONNECTOR, SOCKET 1A, 115/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET 3A, 115/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET 6A, 115/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET 8A, 115/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET 2A, 115/250VAC, MALE, MAINS POWER CONNECTOR, SOCKET 8A, 115/250VAC, MALE, MAINS POWER CONNECTOR, SOCKET STRAIGHT, SNAP-IN/FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
|
Power Dynamics, Inc. PowerDynamics, Inc POWER DYNAMICS INC
|
STD10NF10-1 STD10NF10T4 STD10NF10 D10NF10 |
N-CHANNEL 100V - 0.115 ohm - 13A IPAK/DPAK LOW GATE CHARGE STripFET?/a> II POWER MOSFET N-CHANNEL 100V - 0.115 ohm - 13A IPAK/DPAK LOW GATE CHARGE STripFET⑩ II POWER MOSFET N-CHANNEL 100V - 0.115 OHM - 13A IPAK/DPAK LOW GATE CHARGE STRIPFET⒙ II POWER MOSFET N-CHANNEL 100V - 0.115 ohm - 13A IPAK/DPAK LOW GATE CHARGE STripFET II POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
2N7002LT1-D 2N7002LT1/D |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset Small Signal MOSFET 115 mAmps, 60 Volts N-Channel SOT3 Small Signal MOSFET 115 mAmps, 60 Volts N-Channel SOT?3
|
ON Semiconductor
|
PASP06W-60-1C PASP06Q-60-1C PASP06S-60-1C PASP08Q- |
6A, 115/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET 8A, 115/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET RIGHT ANGLE, PC BOARD MOUNT FILTER WITH IEC 60320 AC INLET SOCKET. 3A, 115/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET 2A, 115/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET 1A, 115/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
Power Dynamics, Inc. PowerDynamics, Inc POWER DYNAMICS INC
|
1201-066 |
FITER, SING, PI, BSHG
|
API Technologies Corp
|
HSDL-3003-021 HSDL-3003-001 |
115.2kbit/s IrDA transceiver with Remote Control features SPECIALTY INTERFACE CIRCUIT, SMA8 IrDA? Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
|
Lite-On Technology, Corp. AVAGO TECHNOLOGIES LIMITED
|
SOT616-1-115 |
HVQFN24 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,115 or J Ordering code (12NC) ending 115
|
NXP Semiconductors
|
2N3055MJ2955 MJ2955 2N3055 ON0038 2N3055_MJ2955 |
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 120 VOLTS 115/ 180 WATTS 15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS 15安培功率晶体管互补性的芯片6015 Complementary SlllconPower Translstors From old datasheet system
|
ON Semiconductor Motorola Inc MOTOROLA[Motorola, Inc]
|
L2N7002WT1G L2N7002WT3G |
Small Signal MOSFET 115 mA, 60 V N-Channel SOT-323
|
Leshan Radio Company
|
|